Part Number Hot Search : 
UMG4NTR 7039A 012R2 M082B1 SP8630B GS864218 HZM68FA 112U0
Product Description
Full Text Search
 

To Download TL-W20ME1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature inductive prox tl-w watertight construction conforms to ip67 space-saving mounting area, as small as 10 x 27 mm ( 0.39 x 1.06 in), is ideal for conveyor wall mounting mounts directly onto metal base or rail rugged diecast metal or low-profile plastic housing models available choose npn or pnp output models ready to use: prewired with 2 m (6.56 ft) length cable and mounting bracket included with tl-w3m sensors ordering information subminiature, flat-pack dc sensor fits tight spaces body type shielded unshielded body material diecast aluminum abs plastic nominal detecting distance 5 mm (0.20 in) 3 mm (0.12 in) 5 mm (0.20 in) 20 mm (0.79 in) part npn-no output tl-w5e1 tl-w3mc1 tl-w5mc1 TL-W20ME1 number npn-nc output tl-w5e2 tl-w3mc2 tl-w5mc2 tl-w20me2 pnp-no output tl-w5f1 tl-w3mb1 tl-w5mb1 pnp-nc output tl-w5f2
tl-w tl-w 2 specifications part number tl-w3m ?? tl-w5m ?? tl-w20me ? sensor type inductive body size flat, rectangular type unshielded supply voltage 10 to 30 vdc, maximum ripple 10% peak-to-peak current consumption 15 ma max. 10 ma max. 15 ma max. detectable object type metal objects effective maximum detecting 0 to 2.7 mm 0 to 4.5 mm 0 to 16 mm distance (with standard object) (0 to 0.11 in) (0 to 0.18 in) (0 to 0.63 in) standard target size 12 x 12 x 1 mm 18 x 18 x 1 mm 50 x 50 x 1 mm (mild steel, lxwxh) (0.47 x 0.47 x 0.04 in) (0.71 x 0.71 x 0.04 in) (1.97 x 1.97 x 0.04 in) differential travel 10% max. of effective maximum detecting distance control dc type npn-no (tl-w ? mc1) npn-no (TL-W20ME1) output solid- pnp-no (tl-w ? mb1) with pull-up resistor state npn-nc (tl-w20me2) with pull-up resistor max. load 100 ma max. 50 ma max. at 12 vdc, 100 ma max. at 12 vdc 100 ma max. at 24 vdc 200 ma max. at 24 vdc max. on-state 1.0 v max. voltage drop response frequency 600 hz 500 hz 40 hz circuit output short-circuit not provided protection dc power supply provided reverse polarity indicators target present (red led) materials housing plastic (abs) sensing face plastic (abs) cable sheath oil-proof vinyl mounting bottom surface with 1 bottom surface with 2 through holes through hole, or mounting bracket supplied connections prewired 3-conductor cable, 2 m (6.56 ft) length weight with cable 30 g (1.06 oz.) 45 g (1.59 oz.) 180 g (6.35 oz.) enclosure ul ratings nema 1, 2, 3, 4x, 6, 12, 13 iec 144 ip67 approvals ul csa ambient operating temperature -25 to 70 c (-13 to 158 f) vibration 10 to 55 hz, at 1.5 mm in x, y, and z directions, double amplitude for 2 hours shock approx. 50 g, three times unshielded, plastic body sensors
tl-w tl-w 3 shielded, metal body sensors part number tl-w5e ?? tl-w5f ? sensor type inductive body size flat, rectangular type shielded supply voltage 10 to 30 vdc, maximum ripple 10% peak-to-peak current consumption 15 ma max. at 24 vdc detectable object type metal objects effective maximum detecting 0 to 4 mm distance (with standard object) (0 to 0.16 in) standard target size 18 x 18 x 1 mm (mild steel, lxwxh) (0.71 x 0.71 x 0.04 in) differential travel 10% max. at effective maximum detecting distance control dc type npn-no (tl-w5e1) with pull-up resistor pnp-no (tl-w5f1) with pull-down resistor output solid- npn-nc (tl-w5e2) with pull-up resistor pnp-nc (tl-w5f2) with pull-down resistor state max. load 200 ma max. max. on-state 2.0 v max. voltage drop response frequency 300 hz circuit output short-circuit not provided protection dc power supply provided reverse polarity indicators target present (red led) materials housing diecast aluminum sensing face plastic (abs) cable sheath oil-proof vinyl mounting bottom surface with 2 through holes connections prewired 3-conductor cable, 2 m (6.56 ft) length weight with cable 70 g (2.5 oz.) enclosure ul ratings nema 1, 2, 3, 4x, 6, 12, 13 iec 144 ip67 approvals ul csa ambient operating temperature -25 to 70 c (-13 to 158 f) vibration 10 to 55 hz, at 1.5 mm in x, y, and z directions, double amplitude for 2 hours shock approx. 50 g, three hours 0 v + v + v 0 v output circuit diagrams npn output tl-w ? mc ? pnp output tl-w ? mb ? operation brown black blue brown black blue
tl-w tl-w 4 output circuit diagrams (continued) npn output tl-w5e ? , tl-w20me ? timing charts object present absent output transistor on load off operation on indicator (led) off tl-w3m, tl-w5m pnp output tl-w5f ? engineering data operating range tl-w5m ? tl-w3m ? tl-w5 ?? pnp output tl-w5f ? npn output tl-w5e ? , tl-w20me ? tl-w5e1 tl-w5e2 TL-W20ME1 tl-w20me2 brown black blue brown black blue (between brown and black) (between black and blue) (between black and blue) (between brown and black)
tl-w tl-w 5 tl-w20m ?? sensing distance x (mm) sensing head diameter object standard object: mild steel 50 x 50 x 1 mm d (mm) d (mm) d (mm) brass aluminum 304 stainless steel mild steel t = 1 mm sensing distance x (mm) sensing distance x (mm) sensing distance (mm) sensitivity tl-w3m ? 1 tl-w5m ? 1 tl-w5 ? tl-w20m ? sensing distance x (mm) aluminum 304 stainless steel mild steel d (mm) brass
tl-w tl-w 6 18 (0.71) sensing head operation indicator two 3.5 x 5 mounting holes 10 (0.39) 30.5 (1.20) 2 m (6.56 ft) cable, 4 mm od tl-w5m ? 1 tl-w3m ? 1 operation indicator 6 (0.24) 27 (1.06) 10 (0.39) mounting hole for m3 pan-head screw 2 m (6.56 ft) cable, 2.9 mm od sensing head mounting bracket (included) operation indicator unit: mm (inch) dimensions tl-w5e, tl-w5f mounting holes 10 (0.39) sensing surface operation indicator cable, 2 m (6.6 ft) length approx. 2 15 0.2 (0.59) two 4.5 (0.18 in) dia. holes 7.2 (0.28) dia. 4 (0.16) 3 (0.12) 4.2 (0.16) dia. 15 (0.59) 25 (0.98) 50 (1.97) 5.5 10 8
tl-w tl-w 7 tl-w20me ? 40 (1.57) 30 (1.18) 53 (2.09) 1.5 (0.06) 23 (0.91) 18 1 2 m (6.56 ft) cable sensing surface influence of surrounding metals when mounting the proximity sensor flush with a metallic panel, be sure to allow a minimum distance as shown in the table below. if the other side is open, the value of " l " is zero. precautions distance " l "n tl-w3m 3 mm (0.12 in) 12 mm (0.47 in) tl-w5m 5 mm (0.20 in) 20 mm (0.79 in) tl-w20m 25 mm (0.98 in) 100 mm (0.34 in) distance a b tl-w3m 90 mm (3.54 in) 30 mm (1.18 in) tl-w5m 120 mm (4.72 in) 60 mm (2.36 in) tl-w5 ? 50 mm (1.97 in) 35 mm (1.38 in) tl-w20m 200 mm (7.87 in) 200 mm (7.87 in) when mounting two or more sensors of the same type face to face or side by side, be sure to provide a minimum distance as shown in the table below. mutual interference operation indicator two 5.5 dia. mounting holes 27 (11.06) 0.1 6 (0.24) 5 (0.20) 5 (0.20) 18 (0.71)
tl-w tl-w 8 omron electronics, inc. omron canada, inc. one east commerce drive 885 milner avenue schaumburg, il 60173 scarborough, ontario m1b 5v8 1-800-55-omron 416-286-6465 cat. no. cedsax3 10/99 specifications subject to change without notice. printed in the u.s.a. note: dimensions are shown in millimeters. to convert millimeters to inches divide by 25.4.


▲Up To Search▲   

 
Price & Availability of TL-W20ME1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X